PART |
Description |
Maker |
SPC560D30L1B4E0X SPC560D30L3B4E0X SPC560D40L1B4E0X |
32-bit MCU family built on the Power Architecture for automotive body electronics applications 32-bit Power Architecture MCU for Automotive Body and Gateway Applications
|
STMicroelectronics ST Microelectronics
|
STM8AF6223 STM8AF6223PAU STM8AF6223PCU STM8AF6223P |
Automotive Standard low-power line 8-bit MCU with 8 Kbytes Flash, 16 MHz CPU, integrated EEPROM Automotive LIN line 8-bit MCU with 8 Kbytes Flash, 16 MHz CPU, integrated EEPROM
|
ST Microelectronics
|
ST72F321J9TAS ST72F321J9TCS ST72F321J9TCXS ST72F32 |
8-bit MCU for automotive with 60 Kbyte Flash, 10-bit ADC, timers, SPI, SCI and I2C interfaces
|
ST Microelectronics
|
STM8AF6146 STM8AF6166 STM8AF6126 STM8AF6148 STM8AF |
Automotive 8-bit MCU, with up to 32 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
|
STMicroelectronics
|
ST72104GX-AUTO |
8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, I2C interfaces
|
STMicroelectronics
|
SPC564A70B4CFAY SPC564A70L7CFAY SPC564A70L7COCR SP |
32-bit Power Architecture MCU for Automotive Powertrain Applications
|
ST Microelectronics
|
SPC560B54L3C6E0X SPC560B60L3C6E0X SPC560B60L3C6E0Y |
32-bit Power Architecture MCU for Automotive Body and Gateway Applications
|
ST Microelectronics
|
SPC564B64L8C9E0X SPC564B64L8C9E0Y SPC564B70L7C9E0X |
32-bit Power Architecture MCU for Automotive Body and Gateway Applications
|
ST Microelectronics
|
BUV41 |
Bipolar NPN Device in a Hermetically sealed TO3 8-bit MCU for automotive with nested interrupts, Flash, 10-bit ADC, brushless motor control, 5 timers, SPI, LINSCI"
|
Seme LAB
|
STM8AFHP5169 STM8AFP5269 STM8AFHP5198 STM8AFHP5189 |
Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
|
STMicroelectronics
|
|